Part Number Hot Search : 
LT100 FAN8702 1N5238 13003D 2SC5140 KBP01 LT100 LT100
Product Description
Full Text Search
 

To Download BYW99PI Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
BYW99P/PI/W
HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES
FEATURES SUITED FOR SMPS VERY LOW FORWARD LOSSES NEGLIGIBLE SWITCHING LOSSES HIGH SURGE CURRENT CAPABILITY HIGH AVALANCHE ENERGY CAPABILITY INSULATED VERSION TOP3I : Insulating voltage = 2500 V DC Capacitance = 12 pF
A1 K A2
A2 K A1
isolated TOP3I (Plastic) BYW99PI-200
DESCRIPTION
A2
A2 K A1
Dual center tap rectifier suited for switchmode power supply and high frequency DC to DC converters. Packaged in SOT93, TOP3I or TO247 this device is intended for use in low voltage, high frequency inverters, free wheeling and polarity protection applications.
A1
K
SOT93 (Plastic) BYW99P-200
TO247 (Plastic) BYW99W-200
ABSOLUTE MAXIMUM RATINGS Symbol IF(RMS) IF(AV) RMS forward current Average forward current SOT93 / TO247 = 0.5 TOP3I Surge non repetitive forward current Storage and junction temperature range
Tc=120C Tc=115C tp=10ms sinusoidal
Parameter
Per diode Per diode Per diode Per diode
Value 35 15 15 200 - 40 to + 150 - 40 to + 150 Value 200
Unit A A
IFSM Tstg Tj Symbol VRRM
A C C Unit V
Parameter Repetitive peak reverse voltage
August 1998
Ed : 2A
1/6
BYW99P/PI/W
THERMAL RESISTANCES Symbol Rth (j-c) Junction to case Parameter
SOT93 / TO247 Per diode Total TOP3I Per diode Total
Value 1.8 1.0 2.0 1.25 0.2 0.5
Unit C/W
Rth (c)
Coupling
SOT93 / TO247 TOP3I
C/W
When the diodes 1 and 2 are used simultaneously : Tj-Tc (diode 1) = P(diode 1) x Rth(j-c) (Per diode) + P(diode 2) x Rth(c) STATIC ELECTRICAL CHARACTERISTICS (Per diode)
Symbol IR * Tj = 25C Tj = 100C VF ** Tj = 125C Tj = 125C Tj = 25C
Pulse test : * tp = 5 ms, < 2 % ** tp = 380 s, < 2 %
Test Conditions VR = VRRM
Min.
Typ.
Max. 20 1.5
Unit A mA V
IF = 12 A IF = 25 A IF = 25 A
0.85 1.05 1.15
To evaluate the conduction losses use the following equation : P = 0.65 x IF(AV) + 0.016 x IF2(RMS) RECOVERY CHARACTERISTICS Symbol trr Tj = 25C Test Conditions IF = 0.5A IR = 1A IF = 1A VR = 30V tfr Tj = 25C IF = 1A VFR = 1.1 x VF IF = 1A Irr = 0.25A Min. Typ. Max. 25 Unit ns
dIF/dt = -50A/s
40
tr = 10 ns
15
ns
VFP
2/6
Tj = 25C
tr = 10 ns
2
V
BYW99P/PI/W
Fig.1 : Average forward power dissipation versus average forward current.
P F(av)(W)
=0.2 =0.05 =0.1 =0.5 =1
Fig.2 : Peak current versus form factor.
20 17.5 15 12.5 10 7.5 5 2.5
350 300 250 200
T
IM(A)
T
IM
=tp/T tp
150 100
P=10W
P=20W P=30W
I F(av)(A)
50
=tp/T tp
0 0
2.5
5
7.5
10
12.5
15
17.5
20
0 0
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9
1
Fig.3 : Forward voltage drop versus forward current (maximum values).
VFM(V)
Fig.4 : Relative variation of thermal impedance junction to case versus pulse duration.
1.0
K
Zth(j-c) (tp. ) K= Rth(j-c)
= 0.5 =0.2 =0.1
1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0.0
IFM(A)
Tj=125 oC
0.5
T
0.2
Single pulse
0.1
1
10
100 200
0.1
1.0E-03 1.0E-02
tp(s)
1.0E-01
=tp/T
tp 1. 0E+00
Fig.5 : Non repetitive surge peak forward current versus overload duration. (SOT93, TO247)
160 150 140 130 120 110 100 90 80 70 60 50 40 IM 30 20 10 0 0.001
IM(A)
Fig.6 : Non repetitive surge peak forward current versus overload duration. (TOP3I)
160 150 140 130 120 110 100 90 80 70 60 50 40 IM 30 20 10 0 0.001
IM(A)
Tc=25 oC Tc=75 o C Tc=120 o C
t =0.5
Tc=25 oC
Tc=60 o C
t =0.5
t(s) 0.01 0.1 1
t(s) 0.01 0.1
Tc=115 o C
1
3/6
BYW99P/PI/W
Fig.7 : Average current temperature. ( = 0.5) (SOT93, TO247)
16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 0
IF(av) (A)
Rth(j-a)=Rth(j-c)
versus
ambient
Fig.8 : Average temperature. ( = 0.5) (TOP3I)
16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 0
IF(av)(A)
current
versus
ambient
Rth(j-a)=Rth(j-c)
Rth(j-a)=15 o C/W =0.5 T
Rth(j-a)=15 o C/W =0.5 T
=tp/T
tp
Tamb( o C)
=tp/T
tp
Tamb(o C)
20
40
60
80
100
120
140
160
20
40
60
80
100
120
140
160
Fig.9 : Junction capacitance versus reverse voltage applied (Typical values).
Fig.10 : Recovery charges versus dIF/dt.
200 190 180 170 160 150 140 130 120 11 0
C(pF)
F=1Mhz Tj=25 oC
VR(V)
10 1 00 200
100 1
60 55 90%CONFIDENCE 50 IF=IF(av) 45 40 35 30 25 20 15 10 5 0 1
QRR(nC)
Tj=100 OC
Tj=25 O C
dIF/dt(A/us)
10 1 00
Fig.11 : Peak reverse current versus dIF/dt.
Fig.12 : Dynamic parameters versus junction temperature.
QRR;IRM[Tj]/QRR;IRM[Tj=125o C]
3.0 2.5 2.0 1.5 1.0 0.5 0.0 1
4/6
IRM(A)
90%CONFIDENCE
1.50
Tj=100 OC
IF=IF(av)
1.25 1.00
IRM
0.75
QRR
0.50
Tj=25 O C
0.25 1 00 0.00 0 25
dIF/dt(A/us)
20 10
Tj( oC)
50
75
100
125
150
BYW99P/PI/W
PACKAGE MECHANICAL DATA SOT93 DIMENSIONS REF. A C D D1 E F F3 F4 G H L L2 L3 L5 L6 O Marking : Type number Cooling method : C Weight : 5.3 g Recommended torque value : 0.8m.N Maximum torque value : 1.0m.N PACKAGE MECHANICAL DATA TOP3I (isolated) DIMENSIONS Millimeters Inches Min. Typ. Max. Min. Typ. Max. 4.4 4.6 0.173 0.181 1.45 1.55 0.057 0.061 14.35 15.60 0.565 0.614 0.5 0.7 0.020 0.028 2.7 2.9 0.106 0.114 15.8 16.5 0.622 0.650 20.4 21.1 0.815 0.831 15.1 15.5 0.594 0.610 5.4 5.65 0.213 0.222 3.4 3.65 0.134 0.144 4.08 4.17 0.161 0.164 1.20 1.40 0.047 0.055 4.60 0.181 Millimeters Inches Min. Typ. Max. Min. Typ. Max. 4.70 4.90 1.185 0.193 1.90 2.10 0.075 0.083 2.50 0.098 2.00 0.078 0.50 0.78 0.020 0.031 1.10 1.30 0.043 0.051 1.75 0.069 2.10 0.083 10.80 11.10 0.425 0.437 14.70 15.20 0.279 0.598 12.20 0.480 16.20 0.638 18.0 0.709 3.95 4.15 0.156 0.163 31.00 1.220 4.00 4.10 0.157 0.161
REF. A B C D E F G H J K L P R
Marking : Type number Cooling method : C Weight : 4.7 g Recommended torque value : 0.8m.N Maximum torque value : 1.0m.N
5/6
BYW99P/PI/W
PACKAGE MECHANICAL DATA TO247
V
REF.
V Dia.
DIMENSIONS Millimeters Inches Typ. Max. 0.203 0.102 0.031 0.055 0.118 0.078 0.094 0.133 0.429 0.620 0.793 0.169 0.728 0.582 1.362 0.216 0.118 5 60 0.143
H
A
L5
L L2 L4 F2 F3 V2 F(x3) G = = M E F4 L3
F1
L1 D
Min. Typ. Max. Min. A 4.85 5.15 0.191 D 2.20 2.60 0.086 E 0.40 0.80 0.015 F 1.00 1.40 0.039 F1 3.00 F2 2.00 F3 2.00 2.40 0.078 F4 3.00 3.40 0.118 G 10.90 H 15.45 15.75 0.608 L 19.85 20.15 0.781 L1 3.70 4.30 0.145 L2 18.50 L3 14.20 14.80 0.559 L4 34.60 L5 5.50 M 2.00 3.00 0.078 V 5 V2 60 Dia. 3.55 3.65 0.139
Marking : Type number Cooling method : C Weight : 4.4 g Recommended torque value : 0.8m.N Maximum torque value : 1.0m.N
Informationfurnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsIbility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics.
The ST logo is a registered trademark of STMicroelectronics (c) 1998 STMicroelectronics - Printed in Italy - All rights reserved. STMicroelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - France - Germany - Italy - Japan - Korea - Malaysia - Malta - Mexico - Morocco The Netherlands Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A.
6/6


▲Up To Search▲   

 
Price & Availability of BYW99PI

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X